PART |
Description |
Maker |
APA4863KI-TRG APA4863OI-TRG APA4863RI-TRG APA48630 |
Stereo 2.2W Audio Power Amplifier 2.7 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO20 GREEN, MO-153AC, TSSOP-20 2.7 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO16
|
Anpec Electronics Coropration Anpec Electronics, Corp. ANPEC ELECTRONICS CORP
|
BA3513 BA3513AFS A5800811 |
From old datasheet system 3V dual pre / power amplifier Audio LSIs > Headphone stereo amplifier > Prepower amplifier for headphone stereo
|
Rohm CO.,LTD.
|
AT49LV080 AT49LV080- AT49LV080T AT49LV080T-12CC AT |
LM4674A Boomer ® Audio Power Amplifier Series Filterless 2.5W Stereo Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 16 1M X 8 FLASH 2.7V PROM, 200 ns, PDSO44 8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory 1M X 8 FLASH 3V PROM, 200 ns, PDSO44 LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 9 1M X 8 FLASH 2.7V PROM, 200 ns, PBGA42 LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier; Package: MICRO SMD; No of Pins: 9 1M X 8 FLASH 2.7V PROM, 200 ns, PDSO40 LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier; Package: LLP; No of Pins: 8 IGBT Chips; Package: --; Technology: IGBT 3; VDS (max): 1,200.0 V; IC (max): 15.0 A; VCE(sat) (max): 2.1 V; VGE(th) (min): 5.0 V; LM4920 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 14 LM4917 Boomer ® Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier; Package: TSSOP; No of Pins: 14 LM4917 Boomer ® Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier; Package: LLP; No of Pins: 14 LM4674A Boomer ® Audio Power Amplifier Series Filterless 2.5W Stereo Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 16
|
Micron Technology, Inc. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
APA2061QBI-TRG |
2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free
|
Anpec Electronics Coropration
|
BA3528 BA3528AFP BA3529AFP A5801029 |
Pre / power amplifier and motor governor for 3V headphone stereos(前置/功率放大器和电机管理) 功率放大器和3V的耳机音响电机省长(前功率放大器和电机管理 From old datasheet system Audio LSIs > Headphone stereo amplifier > Prepower governer for headphone stereo
|
Rohm Co., Ltd. Rohm CO.,LTD. ROHM[Rohm]
|
AT73C213 |
The AT73C213 is a fully integrated, low-cost combined stereo audio DAC and audio amplifier circuit targeted for Li-ion or Ni-Mh battery-powered ... Power Management for Mobiles (PM) / Audio Interface for Portable Handsets
|
ATMEL[ATMEL Corporation]
|
TA2024 |
Stereo 10W (4з) Class-TDigital Audio Amplifier using Digital Power ProcessingTechnology Stereo 10W (4) Class-T Digital Audio Amplifier using Digital Power Processing Technology Stereo 10W (4蟹) Class-T Digital Audio Amplifier using Digital Power Processing Technology Stereo 10W (4з) Class-T⑩ Digital Audio Amplifier using Digital Power Processing⑩ Technology
|
Electronic Theatre Controls, Inc. ETC TRIPATH
|
BUS-855926L BUS-855947 BUS-855935L BUS-855935Q BUS |
DATACOM, MIL-STD-1553 DATA BUS TRANSCEIVER, DIP24 100mW stereo headphone amplifier with standby mode 通信集成电路 MPEG 2.5 layer III (MP3) audio decoder 通信集成电路 300mW at 3.3V supply audio power amplifier with standy mode active low 通信集成电路 80V-80W DMOS audio amplifier with mute/st-by 通信集成电路 12W audio amplifier 通信集成电路 25W 25W stereo class-D amplifier 50W mono in BTL 通信集成电路 STEREO AUDIO AMPLIFIER 通信集成电路 Output rail to rail 1W audio power amplifier with standby mode 通信集成电路 8-bit OTP/EPROM/FASTROM MCUs with A/D converter, safe reset, auto-reload timer and EEPROM 通信集成电路 1.2W differential input/output audio power amplifier with selectable standby 通信集成电路 6 6W stereo amplifier 2 X 2W stereo audio amplifier 2W mono amplifier 3.3V range 8-bit MCU for automotive with 16/32 Kbyte Flash or 16 Kbyte ROM, 10-bit ADC, 4 timers, SPI and SCI interfaces 8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset 70V-60W DMOS audio amplifier with mute/standby Pop-free 100mW stereo headphone amplifier 16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM ST10F272B-E Final Data Digital signal processing IC for speech and audio applications 12 12W stereo amplifier with muting Tone control and surround digitally controlled audio processor Telecommunication IC 8-bit MCU for automotive with electric-motor control, ADC, 16-bit timers, SPI interface 10W car radio audio amplifier 5W 5W AMPLIFIER WITH DC VOLUME CONTROL TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND 5W audio amplifier with muting 16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM Sound Terminal" 2-channel microless high-efficiency digital audio system 8-bit MCU for automotive, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI Rail-to-rail output 1W audio power amplifier with standby mode active low 8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface 5-V, 2-A, 2.1-channel high-efficiency digital audio system with QSound QHD® 32-bit Power Architecture" based MCU for automotive powertrain applications 14W 14W stereo amplifier with mute & stby 6 2-Ch. multistandard audio decoder
|
DATA DEVICE CORP TE Connectivity, Ltd. Motorola Mobility Holdings, Inc. Bourns, Inc. Advanced Linear Devices, Inc. XP Power, Ltd. Microchip Technology, Inc. Future Technology Devices International, Ltd.
|
FAN3800 FAN3800MLP24X |
Mono / Stereo Audio Amplifier with Microphone Pre-Amplifier and EMU Interface
|
FAIRCHILD SEMICONDUCTOR CORP
|
MAX4409EUD |
80mW, DirectDrive Stereo Headphone Amplifier with Common-Mode Sense 0.08 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO14
|
Maxim Integrated Products, Inc.
|
|